Part Number Hot Search : 
492R2C CA14367 BC847 SP334ET 0230300L 121KL 899DL CY7C109
Product Description
Full Text Search
 

To Download EPC111-QFN16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  epc111/112 fully integrated standalone light barrier driver & receiver general description the epc 111/112 is a general purpose, fully integrated self-contained cmos circuit family to be used in light-barrier applications. the chip contains a controller which drives an led, typically an ir- led. the led is used in a pulsed mode to increase the signal-to- noise ratio even when there is very strong sunlight biasing the photo diode. it contains also a high sensitive photo diode amplifier and a signal conditioning circuitry to cancel unwanted environmental light including strong sunlight and pulsed light sources. the receiver is built around a synchronous demodulator circuitry. two output signals with different threshold levels are implemented in order to trigger the light barrier output or to indicate light reserve. the chip also includes a power supply circuitry to establish all internally required voltages from one source only. it can be used as a standalone device forming the whole core of an industrial light barrier. features ? fully integrated light barrier chip ? needs just a photo diode and a led with a led driver ? various types are available, i.e. high sensitivity or high speed ? integrated clock generator ? csp10 package with very small footprint or standard qfn16 package available applications ? light barriers ranging from millimeters to tens of meters ? smoke detectors ? liquid detectors functional block diagram for 10-pin chip scale package (for 16-pin qfn package) functional block diagram epc70x lst outh v o l t a g e r e g u l a t o r parameter memory interface outn nc vdd33 pd 16.12.2010 page 1 file: this document is confidential and protected by law and international trades. it must not be shown to any third party nor be copied in any form without our written permission . led d1 v led f vdd18 signal processor processor controller gnd vdd led 9 (12) 10 (10) 7 (15) 4 (4) 1 (9) vdd 2 (7) 8 (14) 3 (6) 5 (2) 6 (1) nc figure 1 : block diagram type response time sensitivity typical application epc111 medium medium (high) long range light barrier epc112 fast medium high speed detection rate table 1 : characteristics of available types ? 2011 espros photonics corporation characteristics subject to change without notice 1 datasheet epc111_112 - v2.2 www.espros.ch
epc111/112 absolute maximum ratings (notes 1, 2) recommended operating conditions power supply voltage at pin vdd -0.3v to +5.5v min. max. units voltage to any pin except vdd -0.3v to vdd +0.3 v supply voltage at vdd (=vdd33) 3.0 3.6 v output current at any pin except led -6ma to +6ma supply voltage at vdd33 (=vdd) 3.0 3.6 v power consumption with maximum load 125 mw operating temperature (t o ) -40 +85 c lead temperature solder, 4 sec. (t l ) +260c relative humidity (non-condensing) +5 +95 % note 1: absolute maximum ratings indicate limits beyond which damage to the device may occur. recommended operating conditions indicate conditions for which the device is intended to be functional, but do not guarantee specific performance limits. for guaranteed specific - ations and test conditions, see electrical characteristics. note 2: this device is a highly sensitive cmos ac current amplifier with an esd rating of jedec hbm class 0 (<250v). handling and assembly of this device should only be done at esd protected workstations. electrical characteristics 3.0v < v dd < 3.6v, -40c < t a < +85c, unless otherwise specified general data symbol parameter conditions/comments values units min. typ. max. v n power supply voltage at vdd and vdd33 3.0 3.3 3.6 v pup power-up threshold voltage voltage at vdd33 when the device starts up 2.4 3 v v pp ripple on supply voltage, peak to peak type input pulse i pd nst epc111 60na 250 mv epc112 108na 600 mv i dd_op current consumption in operation mode i pd = 0 ma, no load 2 ma v noh output high voltage outn v n - 0.5v v v nol output low voltage outn @ 4ma source 0.5 v v hoh output high voltage outh see figure 6 v hol output low voltage outh @ 3ma source. s ee figure 6 . 0.5 v v ledh output high voltage v n - 0.5v v v ledl output low voltage 0.5 v i led source current maximum @ pin led 0.7 ma f clk reference clock of internal oscillator - for information only 1 mhz d f clk temperature drift of the oscillator - for information only 640 ppm/k ? 2011 espros photonics corporation characteristics subject to change without notice 2 datasheet epc111_112 - v2.2 www.espros.ch
epc111/112 other data symbol parameter conditions/comments types values units min. typ. max. i pdn photo current sensitivity outn pulse height to trigger internal threshold outn . refer to functional description epc111 60 na epc112 108 i pdh photo current sensitivity outh pulse height to trigger internal threshold outh . refer to functional description epc111 96 na epc112 144 i pulse maximum input pulse current if the input current pulse is above this level, the recovery time t rec becomes t relax . (refer to parameter t relax ) epc111 100 a epc112 100 i n_imin input related noise @ i pddc =0 15 na rms i n_imax input related noise @ i pddc =i pddcmax 20 na rms i pddc dc photo diode current generated by ambient light with no effect to the sensitivity 0.0 2 ma c pd photodiode capacitance refer to section application information, photodiode capacitance 50 pf t pulse led pulse length epc111 2 s epc112 1 t cycle led cycle time epc111 100 s epc112 10 t relax recovery time after a strong current pulse (i pulse = 100a) epc111 50 s epc112 50 t r response time minimum time from light beam detection to status change of the output outn or outh . t r_max = ( n v + 1 ) * t cycle epc111 800 900 s epc112 30 40 t f release time (fall time) minimum time from beam interruption to status change of the output outn or outh . t f_max = ( n m + 1 ) * t cycle epc111 800 900 s epc112 20 30 n v valid pulse counts number of valid (non-missing) pulses to trigger the output. refer to functional description epc111 8 epc112 3 n m missing pulse counts number of missing pulses to release the output. refer to functional description epc111 8 epc112 2 other parameters ( typical values, t amb = 25c, v dd = 3.3v) 0 1 2 3 4 5 6 40 50 60 70 80 90 100 110 120 pulse width [us] s e n s i t i v i t y [ n a ] figure 2 : input sensitivity vs. led pulse width ? 2011 espros photonics corporation characteristics subject to change without notice 3 datasheet epc111_112 - v2.2 www.espros.ch
epc111/112 connection diagrams top view nc outn pd gnd vdd nc led vdd33 outh vdd18 3 2 1 10 5 4 7 6 8 9 pin connections qfn16-veed- 1vn4 lst 15.12.2010 page 1 file: unbenannt this document is confidential and protected by law and international trades. it must not be shown to any third party nor be copied in any form without our written permission . pin connections qfn16-veed- 1vn4 lst top view 1 2 3 4 5 6 7 8 9 10 11 12 1 3 1 4 1 5 1 6 o u t n o u t h n c pd gnd v d d v d d 1 8 v d d 3 3 led nc n c _ g n d nc_gnd nc_gnd n c _ g n d nc_gnd nc_gnd 10-pin chip scale package (csp) 16-pin qfn package 10-pin csp 16-pin qfn pin name type description 1 9 vdd power supply positive power supply. to be connect to vdd33. 2 7 gnd power supply negative power supply pin. 3 6 pd analog input photo diode input. 4 4 nc do not connect this pin. internally terminated. 5 2 outh digital out load depending light reserve detected - s ee figure 6 . threshold level around 50% above the threshold of the filtered signal level. open drain output 6 1 outn digital output light pulses detected by the photo diode - see functional description amplified and filtered signal open drain output 7 15 nc do not connect this pin. internally terminated. 8 14 led digital out output to led driver 9 12 vdd33 power supply positive power supply. to be connected to vdd. 10 10 vdd18 decoupling pin for external filter/decoupling of the internal 1.8v supply: 4.7nf ceramic type not for supply of external circuits n/a 3, 5, 8, 11, 13, 16 nc_gnd not connected. connect this pins to gnd (guarding). ? 2011 espros photonics corporation characteristics subject to change without notice 4 datasheet epc111_112 - v2.2 www.espros.ch
epc111/112 functional description evaluation of single light pulse for each single light pulse, received and detected by the led, the threshold levels are processed according to the following principle to propagate the output signals outn and outh resp. outn int and outh int . as far the received light pulse signal exceeds the corresponding threshold level, the pulse will be recognized as a valid pulse and the detection circuit sets the appropriate output signal outn int or outh int . signal output outn light reserve outh i pd threshold levels: outn int light pulse detection light reserve detection i pd outh int t t t t t t figure 3 : pulse evaluation pulse modulated operation (e.g. outn int to outn ) the epc111/112 chip operates the led and the receiver path on a pulse modulated concept. thus, the led is operated with short pulses whereas the receiver channel does synchronous demodulation of the received light pulses by reading the current pulses of the photodiode. this concept allows a very high sensitivity, high speed operation, and a high suppression of input ambient or foreign light (dc currents) generated by sunlight or other dc light sources like light bulbs. in order to eliminate interference caused by modulated light, e.g. a flashing light or by other light barriers, the input signal from the photodiode is amplified, filtered, and processed by an integrated signal proc essor. if the photodiode signal meets the required frequency, pattern and amplitude, the output(s) are triggered. the following timing diagram shows the basic concept. emitter led beam interrupted photo diode current i pd no yes outn int or outh int t r 1 2 n m t f 1 2 n v t pulse t cycle outn or outh off on [ v ] response time valid (non-missing) p ulses release time missing pulses figure 4 : pulse modulation concept it is in fact a digital filter which counts missing and non-missing pulses to change the ou tput state of outn or outh . ? 2011 espros photonics corporation characteristics subject to change without notice 5 datasheet epc111_112 - v2.2 www.espros.ch
epc111/112 working principle of the digital filt er e.g. for the signal outn int to outn filter : the aim of this programmable filter is to suppress single pulses, so they cannot trigger the output and generate a false signal. this filter is based on a counter, which is counting up (increment) the valid pulses and counting down (decrement) the missing pulses in a weighted manner. there are separate weighting factors for valid pulses (parameter n v ) and missing pulses (parameter n m ). if the counter reaches the upper limit (maximum count, response time), the signal outn is set to low. s imilar in the opposite direction, if the counter reaches zero, the lower limit (minimum count, release time), the signal outn is put to high. with the parameters n v and n m the filter has the advantage of individual selectable gradients of the slopes. counter will never exceed maximum nor minimum limit. in between it acts as an integrator of both parameters. if pulse then C if pulse = valid then counter = counter + ( n v * 1024) if counter > 2 15 (maximum limit) then counter = maximum limit if counter = max imum limit then outn = 0 C if pulse = missing then counter = counter C (2 n m ) if counter < 0 (minimum limit) then counter = minimum limit if counter = minimum lim it then outn = 1 else wait for puls e lets assume that the photodiode does not receive light pulses for a long time: this means the light beam is interrupted. then outn is at high le vel. if the light beam is not interrupted anymore, the photodiode receives light pulses which are strong enough to trigger the outn int threshold and the internal pulse evaluation unit (designated in figure 3 with 'pulse evaluation') starts to count the received pulses. if the number of received pulses reach the set level n v , the output outn turns to low level. thus, single pulses cannot trigger the output and generate a false signal. the same procedure is used when a beam changes from not interrupted to interrupted. the internal pulse evaluation unit counts the missing pulses. if the number of missing pulses reaches the level n m , outn is turned to high level. the same principle applies to the counter and signal of outh . the counter limit values are different, depending on the device: type no. of pulses n m no. of missing pulses n v epc111 8 8 epc112 3 2 table 2 : filter coefficients light pulse detection output outn the epc111/112 contains two digital outputs to indicate that a valid signal of light pulses are received by the photodiode. the first output outn is triggered, when the lower threshold is reached by the input signal (see figure 3 ). this output is used usually to drive the output of the light barrier. this is a fully cmos compatible digital output. ? 2011 espros photonics corporation characteristics subject to change without notice 6 datasheet epc111_112 - v2.2 www.espros.ch
epc111/112 light reserve output outh however, if the incoming signal is just at the trigger threshold of outn , an unstable situation can occur. thus, a second output outh is integrated with a higher trigger threshold to indicate that a certain 'light reserve' is reached (see figure 3 ) . this output is usually used to drive a visible led to indicate to the operator a stable detection function of the light barrier. to have not too short pulses outh, this signal is stimulated by signal outh filter and synchronously reset by outn . the trigger threshold of outh is set approx. 50% above the trigger threshold of outn . outn filter outh filter outn outh emitter led figure 5 : synchronization outh with outn this output is not cmos compatible. its voltage is depending of the load according to figure 6 . to have still digital compatible signals a level conversion is necessary. file: unbenannt this document is confidential and protected by law and international trades. it must not be shown to any third party nor be copied in any form without our written permission . outh low min.: 3.0v / + 85 o c outh low max.: 3.6v / - 40 o c outh low typ. outh high max. voltage outh [ v ] c u r r e n t o u t h [ m a ] figure 6 : output voltage versus output current of output outh ? 2011 espros photonics corporation characteristics subject to change without notice 7 datasheet epc111_112 - v2.2 www.espros.ch
epc111/112 below you find some examples for such circuits for converting outh levels to full cmos compatible digital output. <name> file: this document is confidential and protected by law and international trades. it must not be shown to any third party nor be copied in any form without our written permission . 02.12.2011 page 1 <xx> outh led outn pd vdd33 vdd epc11x gnd vdd18 gnd +3.3v outh r1 3k6 r2 12k r4 10k r3 4k7 t1 bc846 b figure 7 : non-inverting, low power level shifter (additional current ca.0.6ma) <title> <name> file: this document is confidential and protected by law and international trades. it must not be shown to any third party nor be copied in any form without our written permission . 02.12.2011 page 1 <xx> outh led outn pd vdd33 vdd epc11x gnd vdd18 gnd +3.3v outh r1 1k5 r3 33k t1 bc846 b r2 10k <title> <name> file: this document is confidential and protected by law and international trades. it must not be shown to any third party nor be copied in any form without our written permission . 02.12.2011 page 1 <xx> outh led outn pd vdd33 vdd epc11x gnd vdd18 gnd +3.3v outh r1 3k6 r2 12k r4 22k r3 4k7 t1 bc846 b r5 33k t2 bc846 b figure 8 : simple inverting level shifter (additional current ca.1.6ma or 2.6ma) figure 9 : inverting, low power level shifter (additional current ca.0.8 ... 1.0ma) ? 2011 espros photonics corporation characteristics subject to change without notice 8 datasheet epc111_112 - v2.2 www.espros.ch <br> epc111/112 applications long range light barrier application figure 10 shows the epc111 as an example in a long range light barrier application with minimal part count. the led flashes according to the description of the previous chapter. light of the led is passing either direct, reflected from a reflecting object or a retro reflector to the photo diode pd. if the received light fulfills the criteria according to the description in the previous chapter, the output signals outn and outh are set. the epc111 device is designed to operate at 3.3v power supply (vdd and vdd33). led driver: the output led of the epc111 to drive the led driver circuit is a current source capable to drive typically 1ma. for a high performance long range light barrier (>8m), an led peak current of up to 1.5a is needed. to generate such a high led current, an external driver circuit is necessary. the circuitry in figure 10 is a simple implementation of such a driver circuit. the darlington circuit with t2 and t3 and r2 and r3 does the job. in order to avoid interference on the supply voltage, the supply is isolated (filtered) with r1 and c1. the high peak led pulse current is delivered by the capacitor c1, which itself is charged by r1. make sure, that there is no coupling of the high led current to the ground of the epc111 or to the cathode of the photo diode. this driver circuit operates with a vdd led in a range of 10 to 30 vdc. <title> <name> file: unbenannt this document is confidential and protected by law and international trades. it must not be shown to any third party nor be copied in any form without our written permission . 11.01.2011 page 1 <xx> outh led outn pd vdd33 vdd epc111 gnd vdd18 r3 1r2 c1 47f low esr gnd +3.3v vdd led = +24v outh outn pd epc300 t2 bc846 r2 1k r5 3k6 r4 10k ir led tsml1000 r1 100r c3 100nf c2 1 f c5 4.7nf c4 100nf r6 12k r8 10k r7 4k7 t1 bc846 t3 bcp56 marked conductors must be short and low ohmic c2 the epc111 device with its very sensitive input pd needs a well decoupled power supply figure 10 : long range light barrier application with minimal part count notice: the schematic is for illustrating the basic circuit idea only. for the real built up the designer has to take all other additional influence factors in consideration too e.g. design rules, power rating, heat dissipation, ... ? 2011 espros photonics corporation characteristics subject to change without notice 9 datasheet epc111_112 - v2.2 www.espros.ch <br> epc111/112 high speed detection rate design figure 11 shows the epc 112 as an example in a high speed detection rate light barrier application with minimal part count. this design is optimized for a fast reading of light beam interruptions. whereas the working principle is similar to the above example. this driver circuit operates with a vdd led in a range of 6 to 20 vdc. the epc112 device is designed to operate at 3.3v power supply (vdd and vdd33). <title> <name> file: unbenannt this document is confidential and protected by law and international trades. it must not be shown to any third party nor be copied in any form without our written permission . 11.01.2011 page 1 <xx> outh led outn pd vdd33 vdd epc112 gnd vdd18 r2 13r c1 10f low esr gnd +3.3v vdd led = +12v outh outn pd epc300 r4 3k6 r3 10k r1 47r c3 100nf c2 1 f c5 4.7nf c4 100nf r5 12k r7 10k r6 4k7 marked conductors must be short and low ohmic ir led tsml1000 t1 bc846b t2 bc846b c2 the epc112 device with its very sensitive input pd needs a well decoupled power supply figure 11 : high speed detection rate light barrier application with minimal part count notice: the schematic is for illustrating the basic circuit idea only. for the real built up the designer has to take all other additional influence factors in consideration too eg. design rules, power rating, heat dissipation, ... design precautions: emc shielding the sensitivity at pin pd is very high in order to achieve a long operation range of light barriers even without lenses in front of the ir led and/or the photo diode. thus, the pin pd is very sensitive to emi. special care should be taken to keep the pcb track at pin pd as short as possible (a few mm only!). this track should be kept away from the ir led signal tracks and from other sources which may induce unwanted signals. it is strongly recommended to cover the chip, the photodiode and all passive components around the chip with a metal shield. a recommended part is shown in figure 12 . t he pins at the bottom are to solder the shield to the pcb with electrical connection to gnd . the hole in the front is the opening window for the photo diode. the backside of the pcb below the sensitive area (pd, epc111 or epc112) shall be a polygon connected to gnd to shield the circuit from the backside as well. ambient light photodiode dc current can be generated by ambient light, e.g. sunlight. dc current at pin pd does not generate a dc output signal. however, if i pddc is above the stated maximal value, the input is saturated. this bloc ks the detection of ac current pulses. photodiode capacitance if the photo diode capacity is above the specified value, a lower detection sensitivity and a possible higher sensitivity spread results. ? 2011 espros photonics corporation characteristics subject to change without notice 10 datasheet epc111_112 - v2.2 www.espros.ch figure 12 : recommended emc shield <br> epc111/112 layout information (all measures in mm, <partname> <x000 000> <name> <data> m 1:1 din a4 <name> part name part no. designed approved scale page t h i s d o c u m e n t i s c o n f i d e n t i a l a n d p r o t e c t e d b y l a w a n d i n t e r n a t i o n a l t r a d e s . i t m u s t n o t b e s h o w n t o a n y t h i r d p a r t y n o r b e c o p i e d i n a n y f o r m w i t h o u t o u r w r i t t e n p e r m i s s i o n . file: unben annt 1 26.02.2009 ) csp-10 package 0 . 5 1.9 +0.0/-0.1 1 . 4 + 0 . 0 / - 0 . 1 0.5 0.5 0.15 0 . 1 5 0 . 5 solder balls sn97.5ag2.5 0 . 3 0 . 1 1 0 . 0 1 ? 0.12 bottom view pin 1 19.01.2012 page 1 file: this document is confidential and protected by law and international trades. it must not be shown to any third party nor be copied in any form without our written permission . no solder mask inside this area 0.5 0.5 0 . 5 ? 0.3 2.5 2 . 0 0.1524 n o s o l d e r m a s k i n s i d e t h i s a r e a figure 13 : csp10: mechanical dimensions figure 14 : csp10: layout recommendation recommendations for reliable soldering of solder balls: ? use a pad layout similar to the one shown in figure 14 . notice that all tracks should go underneath the solder mask area. ? do not connect any pins direct pin to pin inside of the opening of the solder mask. ? in case of the conductors are with a au-ni surface finish the preferred landing pad design for the solder balls will be covering the round landing pad with a gold surface finish as a solderable area only. qfn-16 package pin connections qfn16-veed- 1vn4 lst 11.01.2011 page 1 file: this document is confidential and protected by law and international trades. it must not be shown to any third party nor be copied in any form without our written permission . pin connections qfn16-veed- 1vn4 lst top view 1 2 3 4 5 6 7 8 9 10 11 12 1 3 1 4 1 5 1 6 o u t n o u t h n c pd gnd v d d v d d 1 8 v d d 3 3 led nc n c _ g n d nc_gnd nc_gnd n c _ g n d nc_gnd nc_gnd opening in solder mask conductor layout shielding of pd pin figure 15 : qfn-16 : layout recommendation ? 2011 espros photonics corporation characteristics subject to change without notice 11 datasheet epc111_112 - v2.2 www.espros.ch <br> epc111/112 mechanical dimension qfn16 package lst mechanical dimension sot23-6l lst top view 2 . 9 - 3 . 1 2.9 - 3.1 1.9 0.25 15.08.2010 page 1 file: this document is confidential and protected by law and international trades. it must not be shown to any third party nor be copied in any form without our written permission . 0.5 0 . 9 bottom view 0 . 2 5 1 . 9 0.3 0 . 1 - 0 . 2 0 . 0 2 figure 16 : qfn-16: mechanical dimensions reflow solder profile for infrared or conventional soldering the solder profile has to follow the recommendations of ipc/jedec j-std-020c (min. revision c) for pb-free assembly for both types of packages. the peak soldering t emperature (t l ) should not exceed +260c for a maximum of 4 sec. ? 2011 espros photonics corporation characteristics subject to change without notice 12 datasheet epc111_112 - v2.2 www.espros.ch <br> epc111/112 packaging information (all measures in mm) tape & reel information the devices are mounted on embossed tape for automatic placement systems. the tape is wound on 178 mm (7 inch) or 330 mm (13 inch) reels and individually packaged for shipment. g eneral tape-and-reel specification data are available in a separate data sheet and indicate the tape sizes for various package types. further tape-and-reel specifications can be found in the electronic industries association (eia) standard 481-1, 481-2, 481-3. pin 1 8 pin 1 1 2 8 2 csp6 tape qfn16 tape pin 1 8 pin 1 1 2 8 4 csp6 tape qfn16 tape figure 17 : csp10 and qfn16 tape dimension. parts are placed with solder pads on bottom side espros photonics ag does not guarantee that there are no empty cavities. thus, the pick-and-place machine should check the presence of a chip during picking. ordering information type response time sensitivity package rohs compliance packaging method epc111-csp10 medium high csp10 yes reel <a href='http://www.datasheet.hk/search.php?part=epc111-qfn16&stype=part'>EPC111-QFN16</a> medium high qfn16 yes reel epc112-csp10 fast medium csp10 yes reel epc112-qfn16 fast medium qfn16 yes reel ? 2011 espros photonics corporation characteristics subject to change without notice 13 datasheet epc111_112 - v2.2 www.espros.ch <br> epc111/112 important notice espros photonics ag and its subsidiaries (epc) reserve the right to make corrections, modifications, enhancements, improvements, and other changes to its products and services at any time and to discontinue any product or service without notice. customers should obtain the latest relevant information before placing orders and should verify that such information is current and complete. all products are sold subject to epcs terms and conditions of sale supplied at the time of order acknowledgment. epc warrants performance of its hardware products to the specifications applicable at the time of sale in accordance with epcs standard war - ranty. testing and other quality control techniques are used to the extent epc deems necessary to support this warranty. except where man - dated by government requirements, testing of all parameters of each product is not necessarily performed. epc assumes no liability for applications assistance or customer product design. customers are responsible for their products and applications using epc components. to minimize the risks associated with customer products and applications, customers should provide adequate design and operating safeguards. epc does not warrant or represent that any license, either express or implied, is granted under any epc patent right, copyright, mask work right, or other epc intellectual property right relating to any combination, machine, or process in which epc products or services are used. information published by epc regarding third-party products or services does not constitute a license from epc to use such products or services or a war ranty or endorsement thereof. use of such information may require a license from a third party under the patents or other intellectual property of the third party, or a license from epc under the patents or other intellectual property of epc. resale of epc products or services with statements different from or beyond the parameters stated by epc for that product or service voids all express and any implied warranties for the associated epc product or service. epc is not responsible or liable for any such statements. epc products are not authorized for use in safety-critical applications (such as life support) where a failure of the epc product would reasonably be expected to cause severe personal injury or death, unless officers of the parties have executed an agreement specifically governing such use. buyers represent that they have all necessary expertise in the safety and regulatory ramifications of their applications, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-related requirements concerning their products and any use of epc products in such safety-critical applications, notwithstanding any applications-related information or support that may be provided by epc. further, buyers must fully indemnify epc and its representatives against any damages arising out of the use of epc products in such safety-critical applications. epc products are neither designed nor intended for use in military/aerospace applications or environments unless the epc products are spe - cifically designated by epc as military-grade or "enhanced plastic." only products designated by epc as military-grade meet military specific - ations. buyers acknowledge and agree that any such use of epc products which epc has not designated as military-grade is solely at the buyer's risk, and that they are solely responsible for compliance with all legal and regulatory requirements in connection with such use. epc products are neither designed nor intended for use in automotive applications or environments unless the specific epc products are desig - nated by epc as compliant with iso/ts 16949 requirements. buyers acknowledge and agree that, if they use any non-designated products in automotive applications, epc will not be responsible for any failure to meet such requirements. ? 2011 espros photonics corporation characteristics subject to change without notice 14 datasheet epc111_112 - v2.2 www.espros.ch <br></td> </tr> </table> <table border="0" width="980" id="table32" style="font-size:1px" height="10"> <tr> <td></td> </tr> </table> <table border="0" width="980" id="table31" style="font-size:1px" height="40"> <tr> <td background="images/bg03.gif"> <p align="right"><br> <font color="#FF0000"><a href="#top">▲Up To Search▲</a>    </font></td> </tr> </table> <table border="0" width="980" id="table27"> <tr> <td> </td> </tr> <tr> <td> <b><font size="5">Price & Availability of EPC111-QFN16 </font></b> <a target="_blank" href="https://www.findchips.com/search/EPC111-QFN16"><img border="0" src="images/fc_logo.jpg" width="265" height="25"></a></td> </tr> <tr> <td><script src="http://www.findchips.com/api/inventory/search/EPC111-QFN16?limit=5&partner=18"></script> <script>document.getElementById("poweredBy").style.visibility="hidden";</script></td> </tr> </table> </div> <div align="center"> <table border="0" width="980" id="table13" style="font-size:12px"> <tr> <td> <table border="0" width="980" id="table26" style="font-size:1px"> <tr> <td background="images/bg03.gif"></td> </tr> </table> </td> </tr> <tr> <td> <p align="right">All Rights Reserved © <span lang="zh-cn"> IC-ON-LINE 2003 - 2022</span>  </td> </tr> </table> </div> <div align="center"> <table border="0" width="980" id="table13" style="font-size:12px"> <tr> <td>[<a href="javascript:addbookmark()">Add Bookmark</a>] [<a href="mailto:ioldatasheet@gmail.com" target="_blank">Contact Us</a>] [<a href="link.php">Link exchange</a>] [<a href="privacy.php">Privacy policy</a>]</td> </tr> <tr> <td> Mirror Sites :  [<a href="http://www.datasheet.hk">www.datasheet.hk</a>]   [<a href="http://www.maxim4u.com">www.maxim4u.com</a>]  [<a href="http://www.ic-on-line.cn">www.ic-on-line.cn</a>] [<a href="http://www.ic-on-line.com">www.ic-on-line.com</a>] [<a href="http://www.ic-on-line.net">www.ic-on-line.net</a>] [<a href="http://www.alldatasheet.com.cn">www.alldatasheet.com.cn</a>] [<a href="http://www.gdcy.com">www.gdcy.com</a>]  [<a href="http://www.gdcy.net">www.gdcy.net</a>]<br><br><br></td> </tr> </table> </div> <style type="text/css"> .style1 { background-color: #333333; } .style2 { color: #FFFFFF; } .style3 { color: #0000FF; } .style4 { color: #FFFFFF; font-size: large; } .style5 { text-decoration: none; } .style6 { color: #6EF3F2; } .style7 { border-width: 0px; } </style> <a href="http://www.maxim4u.com/che_s1.php" rel="nofollow">.</a> <a href="http://www.maxim4u.com/che_s2.php" rel="nofollow">.</a> <a href="http://www.maxim4u.com/che_s3.php" rel="nofollow">.</a> <a href="http://www.maxim4u.com/che_s4.php" rel="nofollow">.</a> <a href="http://www.maxim4u.com/che_s5.php" rel="nofollow">.</a> <br> <div style="position:fixed ;bottom:0px;width:100%" id="id_cookies"> <table height="33" align="center" class="style1" style="width: 100%"> <tr> <td align="left" class="style2" style="width: 23px"> </td> <td align="left" class="style2">We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our <a href="privacy.php"> <span class="style6">Privacy Policy</span></a>.</td> <td align="center" class="style3" style="width: 100px"> <a href="javascript:iscookies()" class="style5"><span class="style4">X</span></a></td> </tr> </table></div> <script type="text/javascript" src="js/jquery.min.js"></script> <script type="text/javascript" src="js/cookie.js"></script> <script type="text/javascript"> $(function (){ if($.cookie("OkCookies") == 'OK') { document.getElementById('id_cookies').style.display="none"; } }); function iscookies(){ document.getElementById('id_cookies').style.display="none"; $.cookie("OkCookies",'OK',{ expires:3}); } </script> <script> (function(){ var bp = document.createElement('script'); var curProtocol = window.location.protocol.split(':')[0]; if (curProtocol === 'https') { bp.src = 'https://zz.bdstatic.com/linksubmit/push.js'; } else { bp.src = 'http://push.zhanzhang.baidu.com/push.js'; } var s = document.getElementsByTagName("script")[0]; s.parentNode.insertBefore(bp, s); })(); </script> <script type="text/javascript"> var _gaq = _gaq || []; _gaq.push(['_setAccount', 'UA-280427-2']); _gaq.push(['_trackPageview']); (function() { var ga = document.createElement('script'); ga.type = 'text/javascript'; ga.async = true; ga.src = ('https:' == document.location.protocol ? 'https://ssl' : 'http://www') + '.google-analytics.com/ga.js'; var s = document.getElementsByTagName('script')[0]; s.parentNode.insertBefore(ga, s); })(); </script> <script src="http://www.google-analytics.com/urchin.js" type="text/javascript"> </script> <script type="text/javascript"> _uacct = "UA-280427-1"; urchinTracker(); </script> <script> var _hmt = _hmt || []; (function() { var hm = document.createElement("script"); hm.src = "//hm.baidu.com/hm.js?db7b417c2a40fa0c35a5e98cab960d1b"; var s = document.getElementsByTagName("script")[0]; s.parentNode.insertBefore(hm, s); })(); </script> </body> </html>